Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE310G6SPI9 Datasheet(PDF) 7 Page - Silicom Ltd.

Part # PE310G6SPI9
Description  Six Port Fiber SFP 10 Gigabit Ethernet PCI Express Network Interface Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G6SPI9 Datasheet(HTML) 7 Page - Silicom Ltd.

  PE310G6SPI9 Datasheet HTML 1Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 2Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 3Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 4Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 5Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 6Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 7Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
CE EN 55024: 1998 Amendements A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendement A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995
ESD Air Discharge 8kV. Contact Discharge 4kV.
CE IEC 6100-4-3:1995
Radiated Immunity (80-1000Mhz), 3V/m 80% A.M. by 1kHz
CE IEC 6100-4-4:1995
EFT/B: Immunity to electrical fast transients 1kV Power
Leads, 0.5Kv Signals Leads
CE IEC 6100-4-5:1995
Immunity to conductive surges COM Mode; 2kV,
Dif. Mode 1kV
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M.
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduce >95%, 30% >95% Duration 0.5per, 25per, 250per
MTBF*:
With transceivers MTBF(Years): 40
Without transceivers (Years): 74
* According to Telcordia SR-332 Issue 2. Environmental condition
– GB (Ground, Fixed, and
Controlled). Ambient temperature 40°C
LEDs
LEDs:
(2) LEDs per port
Upper LED : Link Speed:
Turns on Blue 10G Link.
Turns on Yellow 1G Link
Lower LED: Link/Act :
Turns on link (Blue),
Blinks on activity (Green)
LEDs location:
LEDs are located on the PCB, visible via holes in the metal bracket. Each Blue Link/Act and
LED and Yellow/ Blue Link Speed LED is located above its own SFP connector port by light
pipes
Connectors:
(6) SFP+ cage


Similar Part No. - PE310G6SPI9

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
PE310G2BPI71 SILICOM-PE310G2BPI71 Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-LR SILICOM-PE310G2BPI71-LR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-SR SILICOM-PE310G2BPI71-SR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2I50 SILICOM-PE310G2I50 Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2I50-T SILICOM-PE310G2I50-T Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
More results

Similar Description - PE310G6SPI9

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
PE2G6SFPI35 SILICOM-PE2G6SFPI35 Datasheet
402Kb / 5P
   Six Port SFP Gigabit Ethernet PCI Express Server Adapter
M1E310G6I71 SILICOM-M1E310G6I71 Datasheet
445Kb / 8P
   Six Ports Fiber SFP 10 Gigabit Ethernet Express Module
PE310G2I71 SILICOM-PE310G2I71 Datasheet
497Kb / 7P
   10 Gigabit Ethernet Card Dual Port Fiber SFP Network Interface Card
PE2G4I35L SILICOM-PE2G4I35L Datasheet
570Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Network Interface Card
PE310G4I71L SILICOM-PE310G4I71L Datasheet
330Kb / 7P
   Quad Port Fiber SFP 10 Gigabit Ethernet PCI Express Server Adapter
M1E310G4SPI9 SILICOM-M1E310G4SPI9 Datasheet
413Kb / 9P
   Quad Port Fiber SFP 10 Gigabit Ethernet Express Module
logo
Level One
GNC-0100 LVL1-GNC-0100 Datasheet
367Kb / 3P
   Gigabit Fiber PCI Network Card, SFP
logo
Silicom Ltd.
FB2XGHH SILICOM-FB2XGHH Datasheet
326Kb / 3P
   Dual SFP Port 1/10 Gigabit Ethernet PCI Express FPGA Card
PE210G1SPI9A SILICOM-PE210G1SPI9A Datasheet
352Kb / 9P
   Single Port SFP 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com