Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE340G2QI71 Datasheet(HTML) 4 Page - Silicom Ltd.

Part No. PE340G2QI71
Description  Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE340G2QI71 Datasheet(HTML) 4 Page - Silicom Ltd.

  PE340G2QI71 Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Data Transfer Rate:
10.3125 GBd per lane
Cables and Operating
distance:
SMF-28, 10Km
Output Transmit Power:
Maximum: 2.3 dBm per lane
Minimum: -7.0dBm per lane
Optical Receive Sensitivity:
Maximum: -9.6 dBm
Maximum Input Power:
Maximum: 2.3 dBm
Operating Systems Support
Operating system support:
Windows
Linux
PE340G2QI71
– General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 (8 GT/sec)
Board Size:
167.6mm X 64.38mm(6.600″ X 2.535″)
PCB thickness is 0.062 inch
PCI Express Card Type:
X8 Lane
PCI Express Voltage:
+12V +- 8%
PCI Connector:
X8 Lane
Controller:
Intel XL710BM2
Holder:
Metal Bracket
Weight:
170 gr (5.997 oz)
Power Consumption
–QX4:
3.120 W
Power Consumption
–QS43: 5.400 W
Power Consumption
–QS41: 6.000 W
Power Consumption
–QL4:
8.640 W


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn