Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE340G2QI71 Datasheet(HTML) 2 Page - Silicom Ltd.

Part No. PE340G2QI71
Description  Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE340G2QI71 Datasheet(HTML) 2 Page - Silicom Ltd.

  PE340G2QI71 Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Statistics management and RMON
802.1q VLAN support
DCB/DCB-X support
Message Signal interrupts (MSI-X)
Storage
– Enabling competitive performance with native OS intelligent offload solutions, including NAS, iSCSI and
FCoE
Host Interface:
PCI Express X8 lanes
Support PCI Express Base Specification 3.0 (8GT/sec)
LAN and Virtualization Features:
Network Virtualization offloads for VXLAN and NVGRE
Unified Networking Providing a single wire for LAN and storage: NAS (SMB, NFS) and SAN (iSCSI, FCoE)
Virtual Bridging Support
– VEPA/802.1Qbg, BPE/802.1Qbh
Physical Functions
– Up to 8 per port, up to 16 per device
Support for 128 Virtual Device Queues (VMDq) per port
Hardware Queue Pairs
– Up to 1.5K (non-RDMA); up to 256K (RDMA)
Virtualization
– Alleviating hypervisor I/O bottlenecks by providing flow separation for Virtual Machines (VMs)
TCP/IP/L2 features:
Receive Side Scaling (RSS)
Large Send Offload (LSO)
TCP/UDP/IP/SCTP Checksum Offload
IPV4, IPV6
Technical Specifications
QX4: QSFP+ 40Gigabit Ethernet Technical Specifications Adapters:
QSFP+ (Quad Small Form-
factor Pluggable) supports:
XLPPI interfaces supports 40GBase-R PCS and 40 Gigabit PMA in order to connect
with QSFP+ to 40GBase-SR4 / 40GBase-LR4
IEEE Standard / Network
topology:
with 40GBase-SR4 QSFP+
Fiber 40Gigabit Ethernet, 40GBASE-SR4 (850nm LAN PHY)
IEEE Standard / Network
topology:
with 40GBase-LR4 QSFP+
Fiber 40Gigabit Ethernet, 40GBASE-LR4 (1310nm LAN PHY)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn