Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIR Datasheet(HTML) 4 Page - Silicom Ltd.

Part No. PE3100G2DQIR
Description  Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIR Datasheet(HTML) 4 Page - Silicom Ltd.

  PE3100G2DQIR Datasheet HTML 4Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Cables and Operating
distance:
Up to:
Single-Mode: 10km
Optical Output Power:
Minimum: -4.3 dBm
Optical Receive Sensitivity:
Maximum: -10.6 dBm
– QS41: Fiber 40GBASE-SR4 Ethernet Technical Specifications:
IEEE Standard / Network
topology:
Fiber 40Gigabit Ethernet, 40GBASE-SR4
(840 to 860 nm LAN PHY).
IEEE 802.3ba
Data Transfer Rate:
10.5 GBd per lane
Cables and Operating
distance:
50um, (OM3) 1500 MHz*Km, 0.5 to 100 m
50um, (OM4) 3500 MHz*Km, 0.5 to 150 m
Output Transmit Power:
Maximum: 2.4 dBm per lane
Minimum: -7.6 dBm per lane
Optical Receive Sensitivity:
Minimum: -5.4 dBm
Maximum Input Power:
Maximum: 2.4 dBm
– QS43: Fiber 40GBASE-SR4 Ethernet Technical Specifications:
IEEE Standard / Network
topology:
Fiber 40Gigabit Ethernet, 40GBASE-SR4
(840 to 860 nm LAN PHY).
IEEE 802.3ba
Data Transfer Rate:
10.5 GBd per lane
Cables and Operating
distance:
50um, (OM3) 1500 MHz*Km, 0.5 to 300 m
50um, (OM4) 3500 MHz*Km, 0.5 to 400 m
Output Transmit Power:
Maximum: 0.5 dBm per lane
Minimum: -7.5 dBm per lane
Optical Receive Sensitivity:
Minimum -7.5dBm
Maximum Input Power:
Maximum: 2.4 dBm
– QL4: Fiber 40GBASE-LR4 Ethernet Technical Specifications:
IEEE Standard / Network
topology:
Fiber 40Gigabit Ethernet, 40GBASE-LR4
(1264.5nm
– 1277.5nm ;
1284.5nm
– 1297.5nm ;
1304.5nm
– 1317.5nm ;
1324.5nm
– 1337.5nm LAN PHY).
IEEE 802.3ba
Data Transfer Rate:
10.3125 GBd per lane
Cables and Operating
SMF-28, 10Km


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn