Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIR Datasheet(HTML) 5 Page - Silicom Ltd.

Part No. PE3100G2DQIR
Description  Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIR Datasheet(HTML) 5 Page - Silicom Ltd.

  PE3100G2DQIR Datasheet HTML 5Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
distance:
Output Transmit Power:
Maximum: 2.3 dBm per lane
Minimum: -7.0dBm per lane
Optical Receive Sensitivity:
Maximum: -9.6 dBm
Maximum Input Power:
Maximum: 2.3 dBm
Operating Systems Support
Operating system support:
Linux
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0(8 GTs)
Board Size:
Standard height long add-
in card 203.2mm X 111.15mm (8”X 4.376”)
PCI Express Card Type:
X16 Lane
PCI Express Voltage:
+12V ± 8%
External Voltage from external
PW jack:
+12V ± 8%
PCI Connector:
Gold Finger: X16 Lane
Controller:
Intel FM10420
Holder:
Metal Bracket
Power Consumption:
30.72 W 2.56 A at 12V: Typical, 100GBASE-SR4 transceivers are installed in all ports; all ports
operate at 100Gb/s.
29.40 W 2.45A at 12V: Typical, 100GBASE-LR4 transceivers are installed in all ports; all ports
operate at 100Gb/s.
26.88W 2.24A at 12V: Typical No SFP+
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 40°C (32°F – 104°F), Air flow requirement 200LFM
Storage:
-40°C
–65°C (-4°F–149°F)
EMC Certifications:
FCC 47CFR Part 15:2013, Subpart B Class B
Conducted emissions
Radiated emissions
EN 55022: 2010, Class B
Conducted disturbance at mains terminals
Conducted disturbance at telecommunication port
Radiated disturbance
EN 61000-3-2: 2006+A1(09)+A2(09)
Harmonic current emissions
EN 61000-3-3: 2008
Voltage fluctuations and flicker
EN 55024: 2010
Immunity to electrostatic discharge (ESD)
Radiated immunity to radio frequency electromagnetic field


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn