Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIR Datasheet(HTML) 6 Page - Silicom Ltd.

Part No. PE3100G2DQIR
Description  Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIR Datasheet(HTML) 6 Page - Silicom Ltd.

Back Button PE3100G2DQIR Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
6
Conducted immunity to electrical fast transients / bursts (EFT/B)
Conducted immunity to voltage surges
Conducted immunity to disturbances induced by radio frequency field
Conducted immunity to voltage dips and short interruptions
LEDs
LEDs:
Four LEDs per port
(1) Link/Act 100/25/10Gbps LED:
Turns on
– link, Blink – ACT
100Gbps(Yellow)
25Gbps(Orange)
10Gbps(Blue)
(1) Link/Act 40/25/10Gbps LED:
Turns on
– link, Blink – ACT
40Gbps(Yellow)
25Gbps(Orange)
10Gbps(Blue)
(2) Link/Act 25/10Gbps LEDs:
Turns on
– link, Blink – ACT
25Gbps(Orange)
10Gbps(Blue)
LEDs location:
LEDs are located on the PCB, visible by light quide in the metal bracket
Connectors:
(2) MPO
Functional Description
Silicom’s content aware director Provides intelligent packet redirection capability where rules specify which packets
are directed to the host system and which packets are directed to the other port (Bypass)
Figure 1: Content Aware Bypass Functional Block Diagram
Figure 1 illustrates functional block diagram of content aware Bypass:
Packets received in port A and meet rule are directed to port B, other packets are directed to port C (Bypass).
Packets received in port C and meet rule are directed to port D, other packets are directed to port A (Bypass).
Director
– Content Aware TAP
Silicom’s content aware director Provides intelligent packet redirection capability where all packets are directed to the
other port (Bypassed) and rules specify which packets are copied to the host system (TAP).


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn