Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIR Datasheet(HTML) 7 Page - Silicom Ltd.

Part No. PE3100G2DQIR
Description  Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIR Datasheet(HTML) 7 Page - Silicom Ltd.

Back Button PE3100G2DQIR Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
Figure 2: Content Aware TAP Functional Block Diagram
Figure 2 illustrates functional block diagram of content aware TAP:
Packets received in port A and meet rule are directed to ports B and C (TAP), other packets are directed to port C
(Bypass).
Packets received in port C and meet rule are directed to ports D and A (TAP), other packets are directed to port A
(Bypass).
Director
– Content Filtering NIC
Silicom’s content aware provides intelligent packet redirection capability where rules specify which packets are
directed to the host or dropped.
Figure 3: Content Aware Filtering NIC Functional Block Diagram
Figure 3 illustrates functional block diagram of content aware TAP:
Packets received in port A and meet rule, direct to port B. Packets received in port A and do not meet rule are
dropped.
Packets received in port C and meet rule, direct to port D. Packets received in port C and do not meet rule are Dropt.
Director: Rules Classification and capabilities
Director Capabilities
ï‚·
The Redirector supports the following capabilities:
ï‚·
Maximum total number of rules is 16K
ï‚·
Each of the 16K rules can be defined to any port the on board multi-layer switch
ï‚·
Each rule refers to incoming packet
ï‚·
Rules are executed per order. First rule that matches will be executed
usa.com
-
www.silicom


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn