![]() |
Electronic Components Datasheet Search |
|
PE3100G2DQIR Datasheet(HTML) 8 Page - Silicom Ltd. |
|
PE3100G2DQIR Datasheet(HTML) 8 Page - Silicom Ltd. |
![]() Silicom Ltd. Connectivity Solutions Page 8 Rules can be added and removed on the fly Each rule can include one or more classification fields. A rule match will be when all fields defined are match Each field can have a bit masking to check part of the classification field Per port statistics can be read, like packets count, errors, VLAN, and more Rules and action are done in wire speed at any packet size Rules classification fields Rules classification is done based on the first 128 bytes of the packets. The following list provides rules classification fields MAC address, source & destination IPv4 – source & destination IP IPv6 – source & destination IP L4 Port – source & destination port Ethernet Protocol – ethertype IP Protocol num VLAN ID tagging User defined fields DSCP – match the different services code point – the six most significant bits of the Type of Service octet (IPv4) or Traffic Class octet (IPv6).* IPv6 Flow Label* IP length* ISL Frame Type* ISL USER* Source & destination port range* VLAN priority* VLAN tag type* TCP flags* TOS – match Type of Service octet (IPv4) or Traffic Class octet (IPv6)* TTL field in a IPv4 header or Hop Limit in a IPv6 header* *Future SW supports Execution per rule The following Executions per rule are supported: usa.com - www.silicom |
|