![]() |
Electronic Components Datasheet Search |
|
PE3100G2DQIR Datasheet(HTML) 1 Page - Silicom Ltd. |
|
PE3100G2DQIR Datasheet(HTML) 1 Page - Silicom Ltd. |
![]() Silicom Ltd. Connectivity Solutions Page 1 PE3100G2DQIR Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter Intel® Based Product Description Silicom’s 100/40 Gigabit Ethernet PCI Express content aware director server adapters is designed for servers and high-end appliances. The Silicom content aware director server adapter is designed with an on board smart routing architecture that enables packets to be redirected or dropped based on defined rules . The Silicom’s 100/40 Gigabit Ethernet content aware packet director reduces host system process since only packets that are defined to be targeted to the host systems are routed to the host; other packets can be routed to the other port or can be dropped by the content aware hardware routing architecture . The Silicom’s 100/40 Gigabit Ethernet content aware packet director is targeted to network applications that needs to process, monitor or bypass packets based on defined rules. The adapter supports three main modes of operation: Content Aware Bypass, Content Aware TAP and content Aware filtering NIC. Content Aware Bypass Silicom’s 100/40 Gigabit Ethernet content aware director provides intelligent packet redirection capability where rules specify which packets are directed to the host system and which packets are directed to the other port (Bypass). Content Aware TAP Silicom’s 100/40 Gigabit Ethernet content aware director provides intelligent packet redirection capability where all packets are directed to the other port (Bypassed) and rules specify which packets are copied to the host system ( TAP). Content Aware Filtering NIC Sil icom’s 100/40 Gigabit Ethernet content aware provides intelligent packet redirection capability where rules specify which packets are directed to the host or dropped. The Silicom 100/40 Gigabit Ethernet PCI Express content director server adapter is based on Intel FM10420 Ethernet controller and a L3 switch router. The Silicom’s 40 Gigabit Ethernet PCI Express adapter is based on standard L2 driver and with the content director engine reduces CPU host system processing. The Silicom 100/40 Gigabit Ethernet PCI Express content aware server adapter offers simple integration into any PCI Express X16 to 100Gigabit Network. usa.com - www.silicom |
|