Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIRL Datasheet(HTML) 5 Page - Silicom Ltd.

Part No. PE3100G2DQIRL
Description  Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIRL Datasheet(HTML) 5 Page - Silicom Ltd.

  PE3100G2DQIRL Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Operating Temperature:
0°C
– 40°C (32°F – 104°F) Air flow requirement 200FLM
Storage:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC 47CFR Part 15:2013, Subpart B Class B
Conducted emissions
Radiated emissions
EN 55022: 2010, Class B
Conducted disturbance at mains terminals
Conducted disturbance at telecommunication port
Radiated disturbance
EN 61000-3-2: 2006+A1(09)+A2(09)
Harmonic current emissions
EN 61000-3-3: 2008
Voltage fluctuations and flicker
EN 55024: 2010
Immunity to electrostatic discharge (ESD)
Radiated immunity to radio frequency electromagnetic field
Conducted immunity to electrical fast transients / bursts (EFT/ B)
Conducted immunity to voltage surges
Conducted immunity to disturbances induced by radio frequency field
Conducted immunity to voltage dips and short interruptions
LEDs
LEDs:
Two LEDs per port
(1) Link 100/40/25/10Gbps LED:
Turns on
– link
100/25Gbps(Yellow)
40/10Gbps(Green)
(1) Link/Act 100/40/25/10Gbps LED:
Turns on
– link, Blink – ACT
100/40/25/10Gbps(Green)
LEDs location:
LEDs are located on the PCB, visible by light quide in the metal bracket
Connectors:
(2) MPO
Functional Description
Silicom’s 100 Gigabit Ethernet content aware director Provides intelligent packet redirection capability where rules
specify which packets are directed to the host system and which packets are directed to the other port (Bypass)
Figure 1: Content Aware Bypass Functional Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn