Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIRL Datasheet(HTML) 7 Page - Silicom Ltd.

Part No. PE3100G2DQIRL
Description  Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIRL Datasheet(HTML) 7 Page - Silicom Ltd.

  PE3100G2DQIRL Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
Director
– Load balancing
Silicom’s 10 Gigabit Ethernet content aware director provides a load balancing of the traffic coming from the 4 x 10G
external ports (0,2,4 and 6). The traffic is balanced, based on a defined hash configuration (5 tuple or other), to the 4x
10G internal interfaces ( 1,3,5 and 7)that are going to the host
Director: Rules Classification and capabilities
Director Capabilities
The Redirector supports the following capabilities:
Maximum total number of rules is 16K
Each of the 16K rules can be defined to any port the on board multi-layer switch
Each rule refers to incoming packet
Rules are executed per order. First rule that matches will be executed
Rules can be added and removed on the fly
Each rule can include one or more classification fields. A rule match will be when all fields defined are match
Each field can have a bit masking to check part of the classification field
Per port statistics can be read, like packets count, errors, VLAN, and more
Rules and action are done in wire speed at any packet size
Rules classification fields
Rules classification is done based on the first 128 bytes of the packets. The following list provides rules classification
fields
MAC address, source & destination
IPv4
– source & destination IP
IPv6
– source & destination IP
L4 Port
– source & destination port
Ethernet Protocol
– ethertype
IP Protocol num
VLAN ID tagging
User defined fields
DSCP
– match the different services code point – the six most significant bits of the Type of Service octet (IPv4) or
Traffic Class octet (IPv6).*
IPv6 Flow Label*
IP length*
ISL Frame Type*
ISL USER*
Source & destination port range*
VLAN priority*
VLAN tag type*
TCP flags*
TOS
– match Type of Service octet (IPv4) or Traffic Class octet (IPv6)*
TTL field in a IPv4 header or Hop Limit in a IPv6 header*
*Future SW supports


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn