Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIRL Datasheet(HTML) 8 Page - Silicom Ltd.

Part No. PE3100G2DQIRL
Description  Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIRL Datasheet(HTML) 8 Page - Silicom Ltd.

  PE3100G2DQIRL Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
Silicom Ltd. Connectivity Solutions
Page
8
Execution per rule
The following Executions per rule are supported:
Drop
– when a rule matches the packet will be dropped
Redirect
– when a rule matches redirect the packet to the defined destination port
Mirror
– when a rule matches copy packet also to a defined destination port
Director Advanced Features:
Port trunking between the different Intel ports to the Fulcrum 10G ports connected to it for load balancing between
the different Intel ports
Port trunking between the different External Fulcrum port to the external switch connected to it for load balancing
between the different external ports
Session balancing with L3/L4 hashing or other mechanism
ISL (Inter Switch Link) Tagging per port can be added to the packets per configuration
ISL Tagging can be removed and can be forward to specific port per the ISL index
Quality of Service support with the following features:
Priority levels: 16 internal “switch” priorities, 8 or 16 VLAN priorities (optional use of CFI bit as an extra VLAN
priority bit)
Arbitrary mapping of ingress VLAN priority to an internal VLAN priority
Arbitrary mapping of an internal VLAN priority to egress VLAN priority
Arbitrary mapping of internal VLAN priority to switch priority
Arbitrary mapping of DSCP to switch priority, configurable priority source selection
Scheduler: 8 traffic classes, arbitrary mapping of switch priorities to traffic class, deficit weighted round-robin or
strict priority
Notification: Two congestion notifications can be supported
Virtual output queue congestion notification (VCN) and Intel proprietary backward congestion notification (FCN)
Open Flow support (consistent with OpenFlow protocol standard)
sFlow support
User defined Packet transmission with two optional modes: 1. Simple mode
– transmit on specific port. 2. Switched
mode
– where switch determines destination port/ports, or with specific information such as
whether or not egress processing rules should be applied
Storm Control Management
– Switch can support a variety storm controller. Each storm controller can be
programmable to define rat, condition (like unicast ICMP frames whose TTL is at most 1), frame type (can be
OR’ed), ingress & egress port ports. Actions: do nothing, drops frames to port (according to filter)
*Future SW supports
Order Information
P/N
Description
Notes
PE3100G2DQIRL-QX4
Dual port Fiber 100 Gigabit Ethernet PCI
Express Content Director Server Adapter
RoHS Compliant,
2×8 Gen 3,
based on Intel FM10420
PE3100G2DQIRL-ZS4
Dual port Fiber (SR4) 100 Gigabit Ethernet
PCI Express Content Director Server
Adapter
RoHS Compliant,
2×8 Gen 3,
based on Intel FM10420


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn