Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE3100G2DQIRL Datasheet(HTML) 1 Page - Silicom Ltd.

Part No. PE3100G2DQIRL
Description  Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE3100G2DQIRL Datasheet(HTML) 1 Page - Silicom Ltd.

  PE3100G2DQIRL Datasheet HTML 1Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PE3100G2DQIRL
Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter Intel® based
Product Description
Silicom’s 100/40 Gigabit Ethernet PCI Express
content aware director server adapters are
designed for servers and high-end appliances.
The Silicom content aware director server
adapter is designed with an on board smart
routing architecture that enables packets to be
redirected or dropped based on defined rules.
The Silicom’s 100/40 Gigabit Ethernet content
aware packet director reduces host system process since only packets that are defined to be targeted to the host
systems are routed to the host; other packets can be routed to the other port or can be dropped by the content aware
hardware routing architecture.
The Silicom’s 100/40 Gigabit Ethernet content aware
packet director is targeted to network applications that
needs to process, monitor or bypass packets based on
defined rules. The adapter supports three main modes
of operation: Content Aware Bypass, Content Aware
TAP and content Aware filtering NIC.
Content Aware Bypass
Silicom’s 100/40 Gigabit Ethernet content aware
director provides intelligent packet redirection capability
where rules specify which packets are directed to the
host system and which packets are directed to the
other port (Bypass).
Content Aware TAP
Silicom’s 100/40 Gigabit Ethernet content aware
director provides intelligent packet redirection capability
where all packets are directed to the other port (Bypassed) and rules specify which packets are copied to the host
system (TAP).
Content Aware Filtering NIC
Silicom’s 100/40 Gigabit Ethernet content aware provides intelligent packet redirection capability where rules specify
which packets are directed to the host or dropped.
The Silicom 100/40 Gigabit Ethernet PCI Express content director server adapter is based on Intel FM10420 Ethernet
controller and a L3 switch router. The Silicom’s 100 Gigabit Ethernet PCI Express adapter is based on standard L2
driver and with the content director engine reduces CPU host system processing.
The Silicom 100/40 Gigabit Ethernet PCI Express content aware server adapter offers simple integration into any PCI
Express 2X8 to 100Gigabit Network.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn