Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BES0037 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

Part No. BES0037
Description  Inductive Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BALLUFF [Balluff Korea Ltd.]
Homepage  https://www.balluff.com/en/kr/home/
Logo 

BES0037 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES0037 Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
Inductive Sensors
BES M08MI-PSC15B-BV02
Order Code: BES0037
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 247318
ETIM 6.0:
BES0037_3.2_2019-05-06
1 / 2
Basic features
Approval/Conformity
CE
EAC
cULus
WEEE
Electrical connection
Cable diameter D
3.00 mm
Cable length L
2 m
Connection type
Cable, 2.00 m, PVC
Number of conductors
3
Electrical data
No-load current Io max., damped
7 mA
No-load current Io max., undamped
2 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
33.0 kOhm
Protection class
II
Rated insulation voltage Ui
250 V AC
Ready delay tv max.
25 ms
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
10 %
Switching frequency
5000 Hz
Voltage drop static max.
2.5 V
Environmental conditions
Ambient temperature
-25...70 °C
Protection degree
IP68
Functional safety
MTTF (40 °C)
595 a
Material
Housing material
Brass, Nickel-free coated
Material jacket
PVC
Material sensing surface
PBT
Surface protection
Nickel-free coated
Mechanical data
Dimension
Ø 8 x 50 mm
Installation
for flush mounting
Size
M8x1
Output/Interface
Switching output
PNP normally open (NO)
Range/Distance
Assured operating distance Sa
1.2 mm
Rated operating distance Sn
1.5 mm
Real switching distance sr
1.5 mm
Switching distance marking
â– 


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn