Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BES0541 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES0541
Description  Inductive Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0541 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES0541 Datasheet HTML 1Page - Balluff Korea Ltd. BES0541 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M12EI-PSC40F-BV02
Order Code: BES0541
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 247831
ETIM 6.0: EC002714
BES0541_0.42_2020-03-05
2 / 2
Material
Housing material
Stainless steel
Material jacket
PVC
Material sensing surface
PBT
Mechanical data
Dimension
Ø 12 x 63 mm
Installation
non-flush
Size
M12x1
Tightening torque
12 Nm
Output/Interface
Switching output
PNP normally open (NO)
Range/Distance
Assured operating distance Sa
3.2 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
4 mm
Real switching distance sr
4 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams


Similar Part No. - BES0541

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
   Inductive Sensors
BES054E BALLUFF-BES054E Datasheet
108Kb / 2P
   Inductive Sensors
2023-06-27
BES054K BALLUFF-BES054K Datasheet
108Kb / 2P
   Inductive Sensors
2023-06-27
BES054N BALLUFF-BES054N Datasheet
127Kb / 2P
   Inductive Sensors
BES054P BALLUFF-BES054P Datasheet
112Kb / 2P
   Inductive Sensors
2023-06-15
More results

Similar Description - BES0541

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0186 BALLUFF-BES0186 Datasheet
102Kb / 2P
   Inductive Sensors
BES05UA BALLUFF-BES05UA Datasheet
110Kb / 2P
   Inductive Sensors
BES027U BALLUFF-BES027U Datasheet
111Kb / 2P
   Inductive Sensors
BES0170 BALLUFF-BES0170 Datasheet
101Kb / 2P
   Inductive Sensors
BES0179 BALLUFF-BES0179 Datasheet
101Kb / 2P
   Inductive Sensors
BES02J1 BALLUFF-BES02J1 Datasheet
100Kb / 2P
   Inductive Sensors
BES023P BALLUFF-BES023P Datasheet
117Kb / 2P
   Inductive Sensors
BES013C BALLUFF-BES013C Datasheet
116Kb / 2P
   Inductive Sensors
BES040A BALLUFF-BES040A Datasheet
108Kb / 2P
   Inductive Sensors
BES058C BALLUFF-BES058C Datasheet
131Kb / 2P
   Inductive Sensors
BES0257 BALLUFF-BES0257 Datasheet
108Kb / 2P
   Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com