Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3114-1 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3114-1
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3114-1 Datasheet(HTML) 5 Page - Analog Devices

  LTC3114-1 Datasheet HTML 1Page - Analog Devices LTC3114-1 Datasheet HTML 2Page - Analog Devices LTC3114-1 Datasheet HTML 3Page - Analog Devices LTC3114-1 Datasheet HTML 4Page - Analog Devices LTC3114-1 Datasheet HTML 5Page - Analog Devices LTC3114-1 Datasheet HTML 6Page - Analog Devices LTC3114-1 Datasheet HTML 7Page - Analog Devices LTC3114-1 Datasheet HTML 8Page - Analog Devices LTC3114-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTC3114-1
5
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
No-Load Input Current
vs VIN, Burst Mode Enabled
12V Output Efficiency vs VIN
24V Output Efficiency
vs Load
Maximum Load Current vs VIN
5V Output Efficiency vs Load
12V Output Efficiency vs Load
(TA = 25°C unless otherwise specified)
LOAD CURRENT (A)
60
65
70
75
80
0.001
0.01
0.1
1
31141 G01
55
50
45
40
85
95
90
VIN = 3.6V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
60
65
70
75
80
0.001
0.01
0.1
1
31141 G02
55
50
45
40
85
95
90
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
INPUT VOLTAGE (V)
95
90
85
31141 G03
70
80
75
1
10
40
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
ILOAD = 1A
LOAD CURRENT (A)
0.0001
65
70
75
80
0.001
0.01
0.1
1
31141 G04
60
85
95
90
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
INPUT VOLTAGE (V)
1
0.55
0.75
0.95
10
40
31141 G05
0.35
0.05
0.15
1.35
1.15
0.45
0.65
0.85
0.25
1.25
1.05
VOUT = 5V
VOUT = 12V
VOUT = 24V
INPUT VOLTAGE (V)
1
40
80
10
40
31141 G06
20
160
120
60
140
100
VOUT = 5V
VOUT = 12V
Average Output Current
vs VIN, RPROG
Burst Mode Operation Threshold
vs VIN
No-Load Input Current
vs VIN, PWM Mode
INPUT VOLTAGE (V)
1
110
130
10
40
31141 G07
50
80
70
60
90
100
170
150
120
160
140
LOAD INCREASING
LOAD DECREASING
INPUT VOLTAGE (V)
1
10
15
10
40
31141 G08
5
20
VOUT = 5V
VOUT = 12V
INPUT VOLTAGE (V)
1
520
600
10
40
31141 G09
240
440
400
360
320
280
480
760
680
560
720
640
R = 25k
R = 50k
R = 100k


Similar Part No. - LTC3114-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 24P
   40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
More results

Similar Description - LTC3114-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com