Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3114-1 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC3114-1
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3114-1 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC3114-1 Datasheet HTML 22Page - Analog Devices LTC3114-1 Datasheet HTML 23Page - Analog Devices LTC3114-1 Datasheet HTML 24Page - Analog Devices LTC3114-1 Datasheet HTML 25Page - Analog Devices LTC3114-1 Datasheet HTML 26Page - Analog Devices LTC3114-1 Datasheet HTML 27Page - Analog Devices LTC3114-1 Datasheet HTML 28Page - Analog Devices LTC3114-1 Datasheet HTML 29Page - Analog Devices LTC3114-1 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTC3114-1
26
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
is simply a matter of substituting different values in the
equations provided and reviewing the Bode plots, mak-
ing minor adjustments as needed. Since the compen-
sation design procedure uses a simplified model of the
LTC3114-1, the results from the following compensation
design should always be verified with time domain step
load response tests to validate the effectiveness of the
compensation design. It is assumed that the value and
type of output capacitor will be selected based on the
guidelines provided elsewhere in this data sheet. Particular
attention needs to be paid to the voltage bias effect on
ceramic capacitors typically used for output bypassing.
Similarly, it is assumed that the inductor value and current
rating has been selected as well based on the application
requirements.
Example Application Details:
VIN = 9V to 36V
VOUT = 12V
Maximum IOUT (boost mode) = 700mA, RLOAD (min)
= 12V/0.7A = 17.1Ω
Maximum IOUT (buck mode) = 1A, RLOAD (min) = 12Ω
COUT = 44µF
L = 10µH
Since this application includes boost mode operation, the
first step is to calculate the worst-case RHPZ frequency
as this will dictate the maximum loop bandwidth for the
converter:
RHPZ(f)
=
VIN2 •RLOAD
VOUT2 • 2π •L
 (Hz)
substituting the values mentioned earlier yields:
RHPZ(f)
=
9V2 • 17.1
Ω
12V2 • 2
π • 10µH
= 153.1kHz
In order to account for internal IC component variations, it
is good practice to set the converter bandwidth or cross-
over frequency at least three times lower than the RHPZ
frequency to avoid excessive phase loss from the RHPZ
when operating in boost mode. In some instances such
as higher output voltage applications, an even greater
separation between the loop crossover frequency and
the RHPZ frequency may be necessary. In this example
design, we’ll plan to achieve a loop bandwidth (fCC) of
29kHz or approximately one-fifth the RHPZ frequency.
The system poles and zeros are as follows:
Output Load Pole (P1) =
1
2
π •RLOAD •COUT
;
buck mode, where RLOAD = output resistance.
In boost mode this equation is slightly different:
2
2
π •RLOAD •COUT
(
)
,
but with the reduced output current capability in boost
(higher RLOAD), the load pole location is about the
same.
Error Amp Pole (P2) =
1
2
π •REA •CC
(
)
;
this pole is very close to DC, REA = error amp output
resistance, which is approximately 3.6MΩ. It has no
impact on the compensation design, but is included
here for completeness.
Compensation Zero (Z1) =
1
2
π •RZ •CP1
(
)
;
RZ and CP1 are the error amp compensation compo-
nents that will be selected.
Ignoring very high frequency output capacitor ESR zero
and secondary high frequency error amp pole, the system
has two poles and one zero. The error amp pole (P2) is
always near DC and we have little influence on it. The
output load pole (P1) will move depending on buck-boost
converter load resistance. The highest frequency for P1,
the output load pole, is at maximum load current (min-
imum RLOAD). If we design the error amp zero (Z1) fre-
quency so that it coincides with P1(max), then we will get
the maximum phase benefit from the compensation net-
work at full load and enough phase boost at lighter loads
for stable operation and a single pole response where the
loop crosses zero dB.


Similar Part No. - LTC3114-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 24P
   40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
More results

Similar Description - LTC3114-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com