Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RJF36060U74AE1 Datasheet(HTML) 1 Page - Schneider Electric

Part No. RJF36060U74AE1
Description  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 600A, 3P, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

RJF36060U74AE1 Datasheet(HTML) 1 Page - Schneider Electric

  RJF36060U74AE1 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
Product data sheet
Characteristics
RJF36060U74AE1
POWERPACT R-FRAME, MOLDED CASE
CIRCUIT BREAKER, 600V, 600A, 3P, 25kA
Price* : 36,261.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact R
Current sensor rating range
600 A
Trip unit technology
Electronic, harmonic, Micrologic 6.0 H, LSIG
Complementary
[Ie] rated operational current
600 A
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
Breaking capacity code
J
Continuous current rating
80 %
Electrical connection
Busbar connection line
Busbar connection load
Height
16.24 in (412.50 mm)
Width
16.53 in (419.86 mm)
Depth
14.49 in (368.05 mm)
Communication interface
Modbus
Tightening torque
601.85 lbf.in (68 N.m) 0.08…0.62 in² (50…400 mm²) AWG 1/0...750 kcmil)
601.85 lbf.in (68 N.m) 0.08…0.23 in² (50…150 mm²) AWG 1/0...300 kcmil)
Environment
Product certifications
IEC
UL Listed
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 12, 2020
1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn