Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AO9926A Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

Part No. AO9926A
Description  Dual N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AO9926A Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AO9926A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.025 at VGS = 4.5 V
7.1
0.035 at VGS = 2.5 V
6.0
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Surface Mounted on FR4 board, t
≤ 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
7.1
A
TA = 70 °C
5.7
Pulsed Drain Current (10 µs Pulse Width)
IDM
40
Continuous Source Current (Diode Conduction)a
IS
1.7
Maximum Power Dissipationa
TA = 25 °C
PD
2
W
TA = 70 °C
1.3
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
°C/W
Dual N-Channel 20-V (D-S) MOSFET
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AO9926A
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn