Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD2810 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # AOD2810
Description  N-Channel 80 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD2810 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AOD2810 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AOD2810 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
20
40
60
80
100
0.0
1.0
2.0
3.0
4.0
5.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 4 V
V
GS = 3 V
V
GS = 10 V thru 6 V
V
GS =5 V
0.0050
0.0070
0.0090
0.0110
0.0130
0.0150
0
20
40
60
80
100
I
D - Drain Current (A)
V
GS =5.0 V
V
GS = 6.0 V
V
GS = 10 V
0
2
4
6
8
10
0
8
16
24
32
40
Q
g - Total Gate Charge (nC)
V
DS = 40 V
V
DS = 60 V
V
DS = 20 V
I
D = 10 A
0
20
40
60
80
100
120
0.0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
700
1400
2100
2800
3500
0
12
24
36
48
60
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V
V
GS = 4.5 V
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD2810
3


Similar Part No. - AOD2810

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD2810 ISC-AOD2810 Datasheet
361Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD2810 DOINGTER-AOD2810 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AOD2810

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com