Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOD4286 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

Part No. AOD4286
Description  N-Channel 100 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOD4286 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  AOD4286 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
THERMAL RATINGS
On-Resistance vs. Junction Temperature
0.0
0.
05
0.1
0.15
0.2
0.25
0.3
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (
)
°C
VGS = 10 V
ID = 5 A
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
TJ = 25 °C
TJ = 150 °C
0
Maximum Avalanche Drain Current
vs. Case Temperature
TC - Case Temperature (°C)
0
3
4
5
6
7
0
25
50
75
100
125
150
175
Safe Operating Area
5
0.1
0
0
0
1
0
1
1
1
.
0
Limited by RDS(on)*
1
10
TC = 25 °C
Single Pulse
10 ms
100 ms
1 s, DC
100 µs
10 µs
100
1 ms
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10- 4
10- 3
10- 2
10
10- 1
1
0.2
0.1
Duty Cycle = 0.5
30
0.05
0.02
Single Pulse
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4286
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn