Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOD4286 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

Part No. AOD4286
Description  N-Channel 100 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOD4286 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AOD4286 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
N-Channel 100 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
175 °C Junction Temperature
PWM Optimized
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Primary Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
100
0.
at VGS = 10 V
N-Channel MOSFET
G
D
S
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. See SOA curve for voltage derating.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
b
TC = 25 °C
ID
A
TC = 125 °C
13
Pulsed Drain Current
IDM
40
Continuous Source Current (Diode Conduction)
IS
3
Avalanche Current
IAS
3
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
18
mJ
Maximum Power Dissipation
TC = 25 °C
PD
96b
W
TA = 25 °C
3a
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Junction-to-Ambienta
t
 10 s
RthJA
15
18
°C/W
Steady State
40
50
Junction-to-Case (Drain)
RthJC
0.85
1.1
1
5
1
1
5
TO-252
S
GD
14
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4286
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn