Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOD4286 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

Part No. AOD4286
Description  N-Channel 100 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOD4286 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AOD4286 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
VDS - Drain-to-Source Voltage (V)
0
10
20
30
40
0
2468
10
4 V
VGS = 10 V thru 5 V
2 V
3 V
0
10
20
30
40
50
60
70
0
10203040
TC = - 55 °C
25 °C
125 °C
ID - Drain Current (A)
0
300
600
900
1200
1500
0
20
40
60
80
100
VDS - Drain-to-Source Voltage (V)
Coss
Ciss
Crss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
0
123
456
-55 °C
TC = 125 °C
25 °C
ID - Drain Current (A)
0.0
0.
1
0.
2
0.
3
0.
4
0
10203040
VGS = 10 V
VGS = 5 V
Qg - Total Gate Charge (nC)
0
4
8
12
16
20
0
102030
405060
VDS = 100 V
ID = 19 A
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4286
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn