Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOD4454 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

Part No. AOD4454
Description  N-Channel 150 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOD4454 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  AOD4454 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
0.01
0.001
VSD - Source-to-Drain Voltage (V)
1.2
1
0.8
0.6
0.4
0.2
0
100
10
1
TJ = 25 °C
TJ = 150 °C
- 1.5
- 1.0
- 0.5
0.0
0.5
1.0
- 50
- 25
0
25
50
75
100
125
150
ID = 5 mA
TJ - Temperature ( C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.04
0.08
0.12
0.16
0.20
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 5 A
= 125 °C
J
T
TJ = 25 °C
0
120
200
40
80
Time (s)
160
110
0.1
0.01
0.001
Safe Operating Area, Junction-to-Ambient
* VGS
minimum VGS at which RDS(on) is specified
100
0.01
10
0.1
VDS - Drain-to-Source Voltage (V)
1
0.01
0.1
1
10
100
1000
TA = 25 °C
Single Pulse
1 s
10 s
DC
10 ms
100 ms
1 ms
Limited by RDS(on)*
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4454
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn