Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOD4454 Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

Part No. AOD4454
Description  N-Channel 150 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOD4454 Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  AOD4454 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
10-1
100
Square Wave Pulse Duration (s)
10
1000
1
0.1
0.01
1
10-4
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
4. Surface Mounted
Notes:
t1
PDM
t2
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10
1
0.1
0.01
Square Wave Pulse Duration (s)
-4
10
0.2
0.05
Single Pulse
Duty Cycle = 0.5
0.02
10-2
10-1
1
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4454
6


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn