Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOD4454 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

Part No. AOD4454
Description  N-Channel 150 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOD4454 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AOD4454 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
12
24
36
48
60
012345
VDS - Drain-to-Source Voltage (V)
V
= 10 V thru6 V
V
= 4 V
V
= 3 V
GS
GS
GS
0.035
0.039
0.043
0.047
0.051
0.055
0
102030405060
ID - Drain Current (A)
VGS = 10 V
VGS = 8 V
0
2
4
6
8
10
0
6
12
18
24
30
ID = 5 A
Qg - Total Gate Charge (nC)
VDS = 50 V
VDS = 100 V
VDS = 75 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.3
0.6
0.9
1.2
0246
8
10
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
400
800
1200
1600
2000
020
40
60
80
100
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.5
0.9
1.3
1.7
2.1
2.5
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 5 A
VGS = 8 V
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4454
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn