Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOH3106 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # AOH3106
Description  N-Channel 100-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOH3106 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AOH3106 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOH3106 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOH3106 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOH3106 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOH3106 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOH3106 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
8
16
24
32
40
VGS = 4.5 V
ID - Drain Current (A)
VGS = 10 V
0
2
4
6
8
10
04
8
12
16
20
ID = 6.0 V
VDS = 30 V
Qg - Total Gate Charge (nC)
2.0
2.5
1
10
50
0.00
0.5
1.0
1.5
TJ = 25 °C
TJ = 175 °C
VSD - Source-to-Drain Voltage (V)
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
300
600
900
1200
1500
1800
2100
0
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
175
VGS = 10 V
ID = 6.0 A
TJ - Junction Temperature (°C)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
02
4
6
8
10
ID = 6.0 A
VGS - Gate-to-Source Voltage (V)
15
30
45
60
75
90
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOH3106
3


Similar Part No. - AOH3106

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOH3106 AOSMD-AOH3106 Datasheet
249Kb / 5P
   100V N-Channel MOSFET
More results

Similar Description - AOH3106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com