Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOI4N60 Datasheet(HTML) 8 Page - VBsemi Electronics Co.,Ltd

Part No. AOI4N60
Description  N-Channel 650V (D-S)Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOI4N60 Datasheet(HTML) 8 Page - VBsemi Electronics Co.,Ltd

  AOI4N60 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
Note: Dimension L3 is for reference only.
L2
b1
b
b2
e
L3
L1
L
D
c
A1
c1
A
E
TO251AA
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
2.21
2.38
0.087
0.094
A1
0.89
1.14
0.035
0.045
b
0.71
0.89
0.028
0.035
b1
0.76
1.14
0.030
0.045
b2
5.23
5.43
0.206
0.214
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
E
6.48
6.73
0.255
0.265
e
2.28 BSC
0.090 BSC
L
3.89
9.53
0.153
0.375
L1
1.91
2.28
0.075
0.090
L2
0.89
1.27
0.035
0.050
L3
1.15
1.52
0.045
0.060
ECN: S-03946—Rev. E, 09-Jul-01
DWG: 5346
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI4N60
8


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn