Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOI402 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

Part No. AOI402
Description  N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOI402 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AOI402 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Gen III Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
DC/DC Conversion
- System Power
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
Qg (Typ.)
30
0.07 at VGS = 10 V
53
19 nC
0.09 at VGS= 4.5 V
48
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
53
A
TC = 70 °C
41
TA = 25 °C
14b, c
TA = 70 °C
10 b, c
Pulsed Drain Current
IDM
165
Avalanche Current
L = 0.1 mH
IAS
25
Avalanche Energy
EAS
40
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
15
A
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
28
W
TC = 70 °C
18
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient
t
≤ 10 s
RthJA
29
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.6
4.5
RoHS
COMPLIANT
TO-251
S
D
G
Top View
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI402
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn