Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOI404 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

Part No. AOI404
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOI404 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AOI404 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
N-Channel 30-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
OR-ing
Server
•DC/DC
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 sec.
d. Maximum under steady state conditions is 90 °C/W.
e. Calculated based on maximum junction temperature. Package limitation current is 90 A.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a, e
Qg (Typ)
30
0.00
35 at VGS = 10 V
100
95nC
0.00
at VGS = 4.5 V
97
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
100a, e
A
TC = 70 °C
95e
TA = 25 °C
35b, c
TA = 70 °C
2
6b, c
Pulsed Drain Current
IDM
197
Avalanche Current Pulse
L = 0.1 mH
IAS
3
9
Single Pulse Avalanche Energy
EAS
94.8
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
90a, e
A
TA = 25 °C
3.13b, c
Maximum Power Dissipation
TC = 25 °C
PD
250a
W
TC = 70 °C
175
TA = 25 °C
3.75b, c
TA = 70 °C
2.63b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 sec
RthJA
32
40
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.5
0.6
D
G
S
N-Channel MOSFET
TO-251
S
D
G
Top View
4
5
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI404
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn