Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AOI404 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

Part No. AOI404
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

AOI404 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AOI404 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
15
30
45
60
75
90
0.0
0.5
1.0
1.5
2.0
2.5
VGS = 10 V thru 5 V
VDS - Drain-to-Source Voltage (V)
VGS = 2 V
VGS = 3 V
0
100
200
300
400
500
600
0
1020
3040
5060
70
8090
ID - Drain Current (A)
TC = - 55 °C
TC = 25 °C
TC = 125 °C
0
500
1000
1500
2000
2500
0
6
12
18
24
30
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
RDS(on) vs. Drain Current
Gate Charge
0.0
0.6
1.2
1.8
2.4
3.0
012
34
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = - 55 °C
TC = 125 °C
0.00
10
0.00
20
0.00
0.00
40
0.00
50
0.00
60
0.00
0
153045
607590
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
2
4
6
8
10
0
306090
120
150
180
Qg - Total Gate Charge (nC)
ID = 38.8 A
VDS = 24 V
VDS = 15 V
3
0
7
0
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI404
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn