Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY297 Datasheet(PDF) 1 Page - Semikron International

Part # BY297
Description  Fast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

BY297 Datasheet(HTML) 1 Page - Semikron International

  BY297 Datasheet HTML 1Page - Semikron International BY297 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Fast silicon rectifier
diodes
BY 296...BY 299
Forward Current: 2 A
Reverse Voltage: 100 to 800 V
Features
Mechanical Data
1)
2)
3)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
BY 296...BY 299
1
01-04-2004 SCT
© by SEMIKRON


Similar Part No. - BY297

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BY297 CHENDA-BY297 Datasheet
533Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
BY297 PANJIT-BY297 Datasheet
62Kb / 2P
   SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
BY297 BILIN-BY297 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
BY297 DIOTEC-BY297 Datasheet
91Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
logo
Diode Semiconductor Kor...
BY297 DSK-BY297 Datasheet
275Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - BY297

ManufacturerPart #DatasheetDescription
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
   Fast silicon rectifier diodes
FR3A SEMIKRON-FR3A Datasheet
120Kb / 2P
   Fast silicon rectifier diodes
FR5A SEMIKRON-FR5A Datasheet
152Kb / 2P
   Fast silicon rectifier diodes
RGP30K SEMIKRON-RGP30K Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
BA157 SEMIKRON-BA157 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
BA3060 SEMIKRON-BA3060 Datasheet
129Kb / 2P
   Fast silicon rectifier diodes
BY396 SEMIKRON-BY396 Datasheet
142Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296_06 Datasheet
156Kb / 2P
   Fast silicon rectifier diodes
SA261 SEMIKRON-SA261_07 Datasheet
123Kb / 2P
   Fast silicon rectifier diodes
FR3SMBA SEMIKRON-FR3SMBA Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com