Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5540-BC Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI5540-BC
Description  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5540-BC Datasheet(HTML) 5 Page - Silicon Laboratories

  SI5540-BC Datasheet HTML 1Page - Silicon Laboratories SI5540-BC Datasheet HTML 2Page - Silicon Laboratories SI5540-BC Datasheet HTML 3Page - Silicon Laboratories SI5540-BC Datasheet HTML 4Page - Silicon Laboratories SI5540-BC Datasheet HTML 5Page - Silicon Laboratories SI5540-BC Datasheet HTML 6Page - Silicon Laboratories SI5540-BC Datasheet HTML 7Page - Silicon Laboratories SI5540-BC Datasheet HTML 8Page - Silicon Laboratories SI5540-BC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
S i5540
Preliminary Rev. 0.31
5
Table 2. DC Characteristics, VDD = 1.8 V
(VDD = 1.8 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
IDD
333
TBD
mA
Power Dissipation
PD
—0.6
TBD
W
Common Mode Output Voltage
(TXDOUT,TXCLKOUT)
VOCM
.8
0.9
1.0
V
Differential Output Voltage Swing
(TXDOUT,TXCLKOUT), Differential pk-pk
VOD
See Figure 1
800
1000
1200
mV
(pk-pk)
LVPECL Input Voltage High (REFCLK)
VIH
1.975
2.3
2.59
V
LVPECL Input Voltage Low (REFCLK)
VIL
1.32
1.6
1.99
V
LVPECL Input Voltage Swing (REFCLK),
Differential pk-pk
VID
250
2600
mV
(pk-pk)
LVPECL Input Common Mode (REFCLK)
VICM
1.65
1.95
2.30
V
Input Impedance
(REFCLK, TXDIN, TXCLK16IN)
RIN
Each input to
common mode
42
50
58
LVDS Input High Voltage (TXDIN,
TXCLK16IN)
VIH
——
2.4
V
LVDS Input Low Voltage (TXDIN,
TXCLK16IN)
VIL
0.0
V
LVDS Input Voltage, Single Ended pk-pk
(TXDIN, TXCLK16IN)
VISE
100
600
mV
(pk-pk)
LVDS Input Common Mode Voltage
(TXDIN, TXCLK16IN)
VICM
.8
2.0
2.4
V
LVDS Output High Voltage
(TXCLK16OUT)
VOH
100
Ω Load
Line-to-Line
TBD
1.475
V
LVDS Output Low Voltage
(TXCLK16OUT)
VOL
100
Ω Load
Line-to-Line
0.925
TBD
V
LVDS Output Voltage, Single Ended pk-pk
(TXCLK16OUT)
VOSE
100
Ω Load
Line-to-Line, See
Figure 1
250
400
550
mV
(pk-pk)
LVDS Output Common Mode Voltage
(TXCLK16OUT)
VOCM
1.125
1.20
1.275
V
Output Short to GND
(TXCLK16OUT, TXDOUT, TXCLKOUT)
ISC–
—25
TBD
mA
Output Short to VDD
(TXCLK16OUT, TXDOUT, TXCLKOUT)
ISC+
TBD
–100
µA
LVTTL Input Voltage Low
(TXCLKDSBL, FIFORST, TXSQLCH,
BWSEL, REFRATE, REFSEL, TXMSBSEL,
RESET)
VIL2
——
0.8
V


Similar Part No. - SI5540-BC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI554 SILABS-SI554 Datasheet
132Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
Skyworks Solutions Inc.
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results

Similar Description - SI5540-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com