Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC253SPD-B0 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC253SPD-B0
Description  680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD-B0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC253SPD-B0 Datasheet HTML 6Page - Texas Instruments TC253SPD-B0 Datasheet HTML 7Page - Texas Instruments TC253SPD-B0 Datasheet HTML 8Page - Texas Instruments TC253SPD-B0 Datasheet HTML 9Page - Texas Instruments TC253SPD-B0 Datasheet HTML 10Page - Texas Instruments TC253SPD-B0 Datasheet HTML 11Page - Texas Instruments TC253SPD-B0 Datasheet HTML 12Page - Texas Instruments TC253SPD-B0 Datasheet HTML 13Page - Texas Instruments TC253SPD-B0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TC253SPDB0
680 × 500 PIXEL IMPACTRON CCD IMAGE SENSOR
JULY 2003 − SOCS084
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
optical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity with typical CCM gain (see Note 12)
No IR filter
290
V/Lx*s
Sensitivity with typical CCM gain (see Note 12)
With IR filter
36
V/Lx*s
Sensitivity without CCM gain (see Note 12)
No IR filter
9.6
V/Lx*s
Sensitivity without CCM gain (see Note 12)
With IR filter
1.2
V/Lx*s
Vsat
Saturation signal output without CCM gain (see Note 13)
300
400
mV
Handling capacity of charge multiplier
400
500
Voff
Zero-input offset output (see Note 14)
90
200
mV
Blooming overload ratio (see Note 15)
1000:1
Image area well capacity
33k
44k
e-/pixel
Smear (see Note 16)
60
dB
Dark current (see Note 17 and Note 22)
0.01
0.03
nA/cm2
Dark signal (see Note 18 and Note 22)
0.005
0.015
mV
Dark-signal uniformity (see Note 19)
0.15
mV
Dark-signal shading (see Note 20)
0.1
mV
Spurious nonuniformity
Dark
0.8
1.5
mV
Spurious nonuniformity
Illuminated
−20
20
%
Column uniformity (see Note 21)
4.5
mV
Electronic-shutter capability
1/5000
1/30
s
NOTES: 12. Light source temperature is 2856
°K. The IR filter used is CM500, 1-mm thick.
13. Saturation is the condition in which further increase in exposure does not lead to further increases in output signal.
14. Zero-input offset is the residual output signal measured from the reset level with no input charge present. This level is not caused
by the dark current and remains approximately constant, independent of temperature. It may vary with the amplitude of SRG.
15. Blooming is the condition in which charge induced by light in one element spills over to the neighboring elements.
16. Smear is the measure of error signal introduced into the pixels by transferring them through the illuminated region into the memory.
The illuminated region is 1/10 of the image area height. The value in the table is obtained for an integration time of 16.66 ms and
a 3.125-MHz vertical-clock transfer frequency.
17. Dark current depends on temperature and approximately doubles every 8 oC. Dark current is also multiplied by CCM operation. The
value given in the table is with the multiplier turned off and it is a calculated value.
18. Dark signal is actual device output measured in darkness.
19. Dark signal uniformity is the sigma of the difference between two neighboring pixels taking from all the image area pixels.
20. Dark signal shading is the difference between maximum and minimum of a 5-pixel median taken anywhere in the array.
21. Column uniformity is obtained by summing all the lines in the array, finding the maximum of the difference between two neighboring
columns anywhere in the array, and dividing the result by the number of lines.
22. There will be an estimated 20% degradation in dark current performance when exposed to 320 nm UV light at 1 uWatt/cm2 for
2700 hours.


Similar Part No. - TC253SPD-B0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
More results

Similar Description - TC253SPD-B0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC246 TI1-TC246 Datasheet
1Mb / 30P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TX253-30 TI-TX253-30 Datasheet
247Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC246CYM-B0 TI-TC246CYM-B0 Datasheet
486Kb / 27P
[Old version datasheet]   680 x 500 PIXEL IMPACTRONTM COMPLEMENTARY COLOR CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com