Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGE0421AY4 Datasheet(PDF) 10 Page - IXYS Corporation

Part # UGE0421AY4
Description  High Voltage rectifiers Hochspannungs-gleichrichter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

UGE0421AY4 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button UGE0421AY4 Datasheet HTML 6Page - IXYS Corporation UGE0421AY4 Datasheet HTML 7Page - IXYS Corporation UGE0421AY4 Datasheet HTML 8Page - IXYS Corporation UGE0421AY4 Datasheet HTML 9Page - IXYS Corporation UGE0421AY4 Datasheet HTML 10Page - IXYS Corporation UGE0421AY4 Datasheet HTML 11Page - IXYS Corporation UGE0421AY4 Datasheet HTML 12Page - IXYS Corporation UGE0421AY4 Datasheet HTML 13Page - IXYS Corporation UGE0421AY4 Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Dimensions in mm (1 mm = 0.0394")
Anode
Kathode
Features
q
Hermetically sealed Epoxy
q
Use in oil
q
Avalanche characteristics
Applications
q
X-Ray equipment
q
Electrostatic dust precipitators
q
Electronic beam welding
q
Lasers
q
Cable test equipment
Advantages
q
Simple mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
q
Series and parallel operation
ã 1997 IXYS All rights reserved
Data according to IEC 747-2
Symbol
Test Conditions
Ratings
I
F(RMS)
5A
I
F(AV)M
air self cooling,
T
amb
= 45°C
- without cooling plate
0.8
A
- with colling plate
1.0
A
forced air cooling:
v = 3 m/s,
T
amb
= 35°C
- without cooling plate
1.4
A
- with cooling plate
1.7
A
oil cooling,
T
amb
= 35°C
- without cooling plate
2.0
A
- with cooling plate
2.0
A
P
RSM
T
(vj) = 150°C;
t
p = 10 µs
1.6
kW
I
FSM
non repetitive, 50 c/s (for 60 c/s add 10%)
T
(vj) =
45°C;
t
p = 10 ms
70
A
T
(vj) = 150°C;
t
p = 10 ms
60
A
T
amb
-40...+150
°C
T
stg
-40...+150
°C
T
(vj)
150
°C
Weight
127
g
Symbol
Test Conditions
Characteristic Values
I
R
T
(vj) = 150°C;
V
R = VRRM
≤ 1
mA
V
F
I
F
=3 A
18
V
T
(vj) =
25°C
V
TO
T
(vj) =
150°C
12
V
r
T
T
(vj) =
150°C
1.8
m
a
f
=
50Hz
5 x 9,81
m/s2
M
d
8Nm
High Voltage Rectifiers
V
RRM
= 24000 V
Hochspannungsgleichrichter
V
dT
= 4000 V
I
F(AV)M =
2.0 A
V
RRM
V
V(RMS)
V
dT
Standard
Power Designation
V
V
V
Types
24000
9000
4000
UGE 1112 AY4
Si-E 9000 / 4000-0.7
UGE 3126 AY4
Data according to IEC 747-2


Similar Part No. - UGE0421AY4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGE10BCT VISHAY-UGE10BCT Datasheet
89Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
UGE10CCT VISHAY-UGE10CCT Datasheet
89Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
UGE10DCT VISHAY-UGE10DCT Datasheet
89Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
logo
IXYS Corporation
UGE1112AY4 IXYS-UGE1112AY4 Datasheet
57Kb / 2P
   High Voltage Rectifiers
logo
Vishay Siliconix
UGE18ACT VISHAY-UGE18ACT Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 23-Feb-16
More results

Similar Description - UGE0421AY4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300_07 Datasheet
58Kb / 2P
   Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
SI-A1125 DIOTEC-SI-A1125 Datasheet
87Kb / 2P
   High Voltage Si-Rectifier Modules Si-Hochspannungs-Gleichrichter Module
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
P1000A DIOTEC-P1000A_07 Datasheet
62Kb / 2P
   Silicon-Rectifiers -Silizium-Gleichrichter
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
   Si-Rectifiers -Si-Gleichrichter
P600A DIOTEC-P600A_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com