Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS247D Datasheet(PDF) 5 Page - ON Semiconductor

Part # SN74LS247D
Description  LOW POWER SCHOTTKY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS247D Datasheet(HTML) 5 Page - ON Semiconductor

  SN74LS247D Datasheet HTML 1Page - ON Semiconductor SN74LS247D Datasheet HTML 2Page - ON Semiconductor SN74LS247D Datasheet HTML 3Page - ON Semiconductor SN74LS247D Datasheet HTML 4Page - ON Semiconductor SN74LS247D Datasheet HTML 5Page - ON Semiconductor SN74LS247D Datasheet HTML 6Page - ON Semiconductor SN74LS247D Datasheet HTML 7Page - ON Semiconductor SN74LS247D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LS247
http://onsemi.com
5
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
BI / RBO
2.4
4.2
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VO
Output LOW Voltage
0.25
0.4
V
IOL = 1.6 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
g
BI / RBO
0.35
0.5
V
IOL = 3.2 mA
VIN = VIL or VIH
per Truth Table
IO(off)
Off-State Output Current
a–g
250
µA
VCC = MAX, VIH = 2.0 V,
VO(off) = 15 V, VIL = MAX
VO( )
On-State Output Voltage
0.25
0.4
V
IO(on) = 12 mA
VCC = MIN, VIH = 2.0 V,
VO(on)
g
a–g
0.35
0.5
V
IO(on) = 24 mA
CC
IH
VIL per Truth Table
I
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
Any Input, except BI / RBO
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IL
BI / RBO
– 1.2
CC
IN
IOS
Short Circuit Current
BI / RBO (Note 1)
– 0.3
– 2.0
mA
VCC = MAX
ICC
Power Supply Current
7.0
13
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Turn-Off Time from A Input
Turn-On Time from A Input
100
100
ns
CL = 15 pF,
tPHL
tPLH
Turn-Off Time from RBI Input
Turn-On Time from RBI Input
100
100
ns
L
RL = 665 Ω


Similar Part No. - SN74LS247D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS247D TI-SN74LS247D Datasheet
423Kb / 11P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247DE4 TI-SN74LS247DE4 Datasheet
931Kb / 12P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247DE4 TI-SN74LS247DE4 Datasheet
423Kb / 11P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247DG4 TI-SN74LS247DG4 Datasheet
931Kb / 12P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247DG4 TI-SN74LS247DG4 Datasheet
423Kb / 11P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results

Similar Description - SN74LS247D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS74A ONSEMI-SN74LS74A Datasheet
102Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS76A ONSEMI-SN74LS76A Datasheet
93Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com