Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ74HCT21A Datasheet(PDF) 5 Page - Integral Corp.

Part # IZ74HCT21A
Description  Dual 4-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74HCT21A Datasheet(HTML) 5 Page - Integral Corp.

  IZ74HCT21A Datasheet HTML 1Page - Integral Corp. IZ74HCT21A Datasheet HTML 2Page - Integral Corp. IZ74HCT21A Datasheet HTML 3Page - Integral Corp. IZ74HCT21A Datasheet HTML 4Page - Integral Corp. IZ74HCT21A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IN74HCT21A
5
INTEGRAL
CHIP PAD DIAGRAM IZ74HCT21A
Pad size 0.108 x 0.108 mm (Pad size is given as per passivation layer)
Thickness of chip 0.46
± 0,02 mm
PAD LOCATION
Pad No
Symbol
X
Y
01
À1
1.1165
0.3160
02
B1
0.2405
0.1150
03
-
0.5105
0.1020
04
C1
0.6925
0.1150
05
D1
1.0065
0.1400
06
Y1
1.0065
0.3160
07
GND
1.0065
0.4840
08
Y2
1.0065
0.7040
09
A2
1.0065
0.8800
10
B2
0.6925
0.9050
11
-
0.5105
0.9180
12
C2
0.2405
0.9050
13
D2
0.1165
0.6960
14
Vcc
0.1165
0.5360
Chip marking
IN74HCT21
(x=1.009; y=0.727)
1.22 0.03
±
01
02
03
04
05
06
07
08
09
10
11
12
13
14


Similar Part No. - IZ74HCT21A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74HCT27A INTEGRAL-IZ74HCT27A Datasheet
38Kb / 5P
   Triple 3-Input NOR Gate
More results

Similar Description - IZ74HCT21A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
   DUAL 4-INPUT AND GATE
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
   Dual 4-input AND gate
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
   Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
logo
KODENSHI_AUK CORP.
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
   Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
   Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B NEXPERIA-HEF4082B Datasheet
198Kb / 9P
   Dual 4-input AND gate
Rev. 7 - 24 February 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com