Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6100140 Datasheet(PDF) 9 Page - Semikron International

Part # L6100140
Description  BOARD 2S SKYPER32 - TECHNICAL EXPLANATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100140 Datasheet(HTML) 9 Page - Semikron International

  L6100140 Datasheet HTML 1Page - Semikron International L6100140 Datasheet HTML 2Page - Semikron International L6100140 Datasheet HTML 3Page - Semikron International L6100140 Datasheet HTML 4Page - Semikron International L6100140 Datasheet HTML 5Page - Semikron International L6100140 Datasheet HTML 6Page - Semikron International L6100140 Datasheet HTML 7Page - Semikron International L6100140 Datasheet HTML 8Page - Semikron International L6100140 Datasheet HTML 9Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Board 2s SKYPER™ 32 - Technical Explanations
9 / 9
2005-06-08 – Rev02
© by SEMIKRON
Layouts
Primary & Secondary Layer
Parts List
Parts List Evaluation Board
Count
Ref. Designator
Value
Pattern Name
Description
2
C151, C251
4,7µF
1210 (SMD)
Capacitor X7R
2
C152, C252
2,2µF
1210 (SMD)
Capacitor X7R
4
C20, C21, C22, C23
1nF
0805 (SMD)
Capacitor X7R
1
C27
220uF/35V
SMD
Longlife-Elko
1
R10
0,00Ohm
MiniMelf (SMD)
3
R11, R161, R261
10,0KOhm
MiniMelf (SMD)
1%
2
V150, V250
BY203/20S
High Voltage Diode
1
V20
SMBJ15A
DO215AA (SMD)
Suppressor Diode
3
X10, X100, X200
RM2,54 10p.
SMD
Box Connector
1
X20
14p.
SMD
Connector
TP: Test Point
Box Connector: SUYIN 254100FA010G200ZU


Similar Part No. - L6100140

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
More results

Similar Description - L6100140

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100100 SEMIKRON-L6100100 Datasheet
587Kb / 15P
   SKYPER32 - TECHNICAL EXPLANATIONS
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100240 SEMIKRON-L6100240 Datasheet
482Kb / 11P
   EVALUATION BOARD 2S SKYPER 32PRO
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
logo
List of Unclassifed Man...
PAF600F280 ETC2-PAF600F280 Datasheet
897Kb / 13P
   Explanations on Specifications
logo
Ferroxcube Internationa...
CP-P18-2S FERROXCUBE-CP-P18-2S Datasheet
39Kb / 1P
   CP-P18-2S
logo
KEC(Korea Electronics)
GBL2J KEC-GBL2J Datasheet
20Kb / 1P
   GBL(2S) PACKAGE
logo
Adels-Contact
151482 ADELS-151482 Datasheet
118Kb / 1P
   160 BU/ 2s
30/12/2019
logo
Ferroxcube Internationa...
CP-P22-2S FERROXCUBE-CP-P22-2S Datasheet
39Kb / 1P
   CP-P22/13-2S
CPP-P49-2S-A FERROXCUBE-CPP-P49-2S-A Datasheet
32Kb / 1P
   CPP-P29-2S-A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com