Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH4C470K04M00 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LQH4C470K04M00
Description  1.0MHz Inverting DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LQH4C470K04M00 Datasheet(HTML) 7 Page - Microsemi Corporation

  LQH4C470K04M00 Datasheet HTML 1Page - Microsemi Corporation LQH4C470K04M00 Datasheet HTML 2Page - Microsemi Corporation LQH4C470K04M00 Datasheet HTML 3Page - Microsemi Corporation LQH4C470K04M00 Datasheet HTML 4Page - Microsemi Corporation LQH4C470K04M00 Datasheet HTML 5Page - Microsemi Corporation LQH4C470K04M00 Datasheet HTML 6Page - Microsemi Corporation LQH4C470K04M00 Datasheet HTML 7Page - Microsemi Corporation LQH4C470K04M00 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Microsemi
Microsemi Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2002
Rev. 3.0a, 2005-03-14
LX1734
1.0MHz Inverting DC/DC Converter
TM
®
PACKAGE DI MENSI ONS
LM
6-Pin Plastic Exposed Pad JEDEC MO-229 Reference
e
D2
E2
A
A2
TOP VIEW
SIDE VIEW
BOTTOM VIEW
L
b
θ
E
D
.08
A1
A3
L2
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.80
1.05
0.031
0.041
A1
*
0.05
0.002
A2
0.65
0.75
0.025
0.295
A3
0.15
0.25
0.006
0.010
b
0.33
0.45
0.012
0.017
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.95 BSC
0.037 BSC
D2
1.78
2.34
0.070
0.092
E2
1.01
1.57
0.039
0.061
L
0.20
0.45
0.007
0.017
L2
---
0.13
---
0.005
K
0.20
*
0.007
*
θ
12°
12°
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.


Similar Part No. - LQH4C470K04M00

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
LQH4C100K04 MPS-LQH4C100K04 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
LQH4C100K04 MPS-LQH4C100K04 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - LQH4C470K04M00

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
   1.0MHz STEP-UP DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Diodes Incorporated
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
SLVS155A TI1-SLVS155A Datasheet
440Kb / 19P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
   1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com