Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA2AK Datasheet(PDF) 1 Page - Semikron International

Part # SDA2AK
Description  Bidirectional clamping diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SDA2AK Datasheet(HTML) 1 Page - Semikron International

  SDA2AK Datasheet HTML 1Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface mount diode
Bidirectional clamping
diodes
SDA 2AK, SDA 4AK
Pulse Power
Dissipation: 300 W
Maximum Stand-off
voltage: 0,5...1,0 V
Features
Mechanical Data
1)
2)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Dimensions in mm
SDA 2AK, SDA 4AK
1
24-03-2005 SCT
© by SEMIKRON


Similar Part No. - SDA2AK

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SDA2AK DIOTEC-SDA2AK Datasheet
167Kb / 2P
   Surface mount bidirectional Clamping Diodes
SDA2AK DIOTEC-SDA2AK Datasheet
57Kb / 1P
   Surface mount bidirectional Clamping Diodes
SDA2AK DIOTEC-SDA2AK Datasheet
153Kb / 2P
   SMD Bidirectional Clamping Diodes
SDA2AK DIOTEC-SDA2AK_07 Datasheet
57Kb / 1P
   Surface mount bidirectional Clamping Diodes
logo
Semikron International
SDA2AK SEMIKRON-SDA2AK_07 Datasheet
48Kb / 1P
   Bidirectional clamping diodes
More results

Similar Description - SDA2AK

ManufacturerPart #DatasheetDescription
logo
Semikron International
SDA2AK SEMIKRON-SDA2AK_07 Datasheet
48Kb / 1P
   Bidirectional clamping diodes
logo
Diotec Semiconductor
SDA2AK DIOTEC-SDA2AK_16 Datasheet
153Kb / 2P
   SMD Bidirectional Clamping Diodes
SDA2AK DIOTEC-SDA2AK_07 Datasheet
57Kb / 1P
   Surface mount bidirectional Clamping Diodes
SDA2AK DIOTEC-SDA2AK Datasheet
167Kb / 2P
   Surface mount bidirectional Clamping Diodes
logo
NTE Electronics
NTE4963 NTE-NTE4963 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectional
logo
Diotec Semiconductor
SDA4AK DIOTEC-SDA4AK Datasheet
22Kb / 1P
   Bidirectional Clamping Diode Bidirektionale Begrenzer-Diode
logo
Nexperia B.V. All right...
PESD3V3V1BCZF NEXPERIA-PESD3V3V1BCZF Datasheet
227Kb / 12P
   Ultra low clamping bidirectional ESD protection diode
PESD1V0Y1BBSF NEXPERIA-PESD1V0Y1BBSF Datasheet
159Kb / 8P
   Extremely low clamping bidirectional ESD protection diode
1 April 2022
PESD3V3HS2-SF NEXPERIA-PESD3V3HS2-SF Datasheet
197Kb / 10P
   Very low clamping bidirectional ESD protection diode
11 August 2022
logo
STMicroelectronics
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
   Low clamping single line bidirectional ESD protection
April 2014 Rev 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com