Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-334Y-IJ300 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDSP-334Y-IJ300
Description  7.62 mm (0.3 inch) General Purpose Seven-Segment Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-334Y-IJ300 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDSP-334Y-IJ300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-334Y-IJ300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Package Dimensions
Package Drawing B
19.00
(0.748)
1.00
(0.039)
7.62
(10.300)
2–
∅1.1
(0.043)
5.20
(0.205)
10°
FRONT VIEW
0.50
(0.020)
2.54 x 6
(0.099)
1.50
(0.059)
DATE CODE
COLOR
BINNING
(NOTE 3)
LUMINOUS
INTENSITY
CATEGORY
COUNTRY
OF ORIGIN
TOP END VIEW
10.10
(0.398)
7.62
(0.300)
0.30
(0.012)
3.88
(0.153)
SIDE VIEW
A
F
G
B
C
D
E
DIMENSIONS IN MILLIMETERS (INCHES)
+
0.90
(0.035)
PIN 1
6.10
(0.240)
R.DP


Similar Part No. - HDSP-334Y-IJ300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-334Y AVAGO-HDSP-334Y Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-334Y AVAGO-HDSP-334Y Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-334Y-IJ300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
Lite-On Technology Corp...
LTS-312AG LITEON-LTS-312AG Datasheet
112Kb / 5P
   The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com