Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2165C24B Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2165C24B
Description  ICs for use with low voltage Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2165C24B Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2165C24B Datasheet HTML 1Page - Torex Semiconductor XC2165C24B Datasheet HTML 2Page - Torex Semiconductor XC2165C24B Datasheet HTML 3Page - Torex Semiconductor XC2165C24B Datasheet HTML 4Page - Torex Semiconductor XC2165C24B Datasheet HTML 5Page - Torex Semiconductor XC2165C24B Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
64
XC2165 Series
/ INH
Q0
‘H’ or Open
Clock Output
‘L’
High Impedance
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Duty Level
C
: CMOS
Fixed Number
2
: -
1
: f0/1
2
: f0/2
4
: f0/4
Divider Ratio
8
: f0/8
A
: 8MHz ~ 70MHz
Oscillation Frequency
B
: 16MHz ~ 120MHz
C
: Chip form
Chip Form & Package Type
M
: SOT-26 package
T
: Chip tray
R
: Embossed tape, Standard feed
L
: Embossed tape, Reverse feed
Device Orientation
W
: Wafer
PAD DIMENSIONS
PIN
NUMBER
PIN
NAME
FUNCTION
X
Y
1
/ INH
Stand-by Control
- 236
- 436
2
XT
Crystal Oscillation
Connection (Input)
- 79
- 436
3
/ XT
Crystal Oscillation
Connection (Output)
79
- 436
4
VSS
Ground
236
- 436
5
Q0
Clock Output
236
436
6
(NC)
No Connection
- 78
436
7
VDD
Power Supply
- 236
436
*① Pull-up resistor is built-in to the stand-by control pin.
PRODUCT CLASSIFICATION
Ordering Information
XC2165 ①②③④⑤⑥
PACKAGING INFORMATION
SOT-26
/ INH, Q0 PIN FUNCTION
PAD LAYOUT
Size (Chip)
Thickness (Chip)
Backside (Chip)
Aperture (Pad)
: 800×1200μm
: 200±20μm
: GND level
: 90×90μm
PAD DIMENSION
BLOCK DIAGRAM
VDD
XT
INH
XT
Cg
Cd
Rf
Rup
Q0
VSS
1/2
1/2
1/2
Unit:μm


Similar Part No. - XC2165C24B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165C24BCL TOREX-XC2165C24BCL Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165C24BCR TOREX-XC2165C24BCR Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165C24BCT TOREX-XC2165C24BCT Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165C24BCW TOREX-XC2165C24BCW Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165C24BML TOREX-XC2165C24BML Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
More results

Similar Description - XC2165C24B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_1 Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165-12 TOREX-XC2165-12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com