Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3075MTC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3075MTC
Description  High Efficiency, Synchronous Current Mode Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3075MTC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3075MTC Datasheet HTML 1Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 2Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 3Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 4Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 5Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 6Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 7Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 8Page - National Semiconductor (TI) LM3075MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM3075
High Efficiency, Synchronous Current Mode Buck
Controller
General Description
The LM3075 is a current mode control, synchronous buck
controller IC. Use of synchronous rectification and pulse-
skipping operation at light load achieves high efficiency over
a wide load range. Fixed frequency operation can be ob-
tained by disabling the pulse-skipping mode. Current mode
control assures excellent line and load regulation and a wide
loop bandwidth for fast response to load transients.
Current mode control can be achieved by either sensing
across the high side NFET or a sense resistor. The switching
frequency can be selected as either 200 kHz or 300 kHz
from an internal clock.
The LM3075 is available with an adjustable output in a
TSSOP-20 package.
Features
n
Input voltage range of 4.5V-36V
n
Current Mode Control
n
Skip mode operation available
n
Cycle by cycle current limit
n
1.24V ±2% Reference
Applications
n
Automotive Power Supplies
n
Distributed Power Systems
Typical Application Circuit
20162301
September 2005
© 2005 National Semiconductor Corporation
DS201623
www.national.com


Similar Part No. - LM3075MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM307 NSC-LM307 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
Linear Technology
LM307 LINER-LM307 Datasheet
388Kb / 6P
   Operational Amplifiers
logo
Texas Instruments
LM307 TI-LM307 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
LM307 INTERSIL-LM307 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Texas Instruments
LM307 TI1-LM307 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LM3075MTC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com