Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M368L6523BUM-LCC Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M368L6523BUM-LCC
Description  DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L6523BUM-LCC Datasheet(HTML) 5 Page - Samsung semiconductor

  M368L6523BUM-LCC Datasheet HTML 1Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 2Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 3Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 4Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 5Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 6Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 7Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 8Page - Samsung semiconductor M368L6523BUM-LCC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered DIMM
Rev. 1.1 June 2005
Note :
1. * : These pins are not used in this module.
2. Pins 44, 45, 47, 49, 51, 134, 135, 140, 142, 144 are used on x72 module ( M381~ ), and are not used on x64 module.
3. Pins 111, 158 are NC for 1row modules & used for 2row modules[ M368(81)L2923B ].
4. Pins 137, 138 are NC for x16 1Row module (M368L3324B).
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1
VREF
32
A5
62
VDDQ
93
VSS
124
VSS
154
RAS
2
DQ0
33
DQ24
63
WE
94
DQ4
125
A6
155
DQ45
3
VSS
34
VSS
64
DQ41
95
DQ5
126
DQ28
156
VDDQ
4
DQ1
35
DQ25
65
CAS
96
VDDQ
127
DQ29
157
CS0
5
DQS0
36
DQS3
66
VSS
97
DM0
128
VDDQ
158
CS1
6
DQ2
37
A4
67
DQS5
98
DQ6
129
DM3
159
DM5
7
VDD
38
VDD
68
DQ42
99
DQ7
130
A3
160
VSS
8
DQ3
39
DQ26
69
DQ43
100
VSS
131
DQ30
161
DQ46
9
NC
40
DQ27
70
VDD
101
NC
132
VSS
162
DQ47
10
NC
41
A2
71
*CS2
102
NC
133
DQ31
163
*CS3
11
VSS
42
VSS
72
DQ48
103
NC
134
CB4
164
VDDQ
12
DQ8
43
A1
73
DQ49
104
VDDQ
135
CB5
165
DQ52
13
DQ9
44
CB0
74
VSS
105
DQ12
136
VDDQ
166
DQ53
14
DQS1
45
CB1
75
*CK2
106
DQ13
137
CK0
167
*A13
15
VDDQ
46
VDD
76
*CK2
107
DM1
138
CK0
168
VDD
16
CK1
47
DQS8
77
VDDQ
108
VDD
139
VSS
169
DM6
17
CK1
48
A0
78
DQS6
109
DQ14
140
DM8
170
DQ54
18
VSS
49
CB2
79
DQ50
110
DQ15
141
A10
171
DQ55
19
DQ10
50
VSS
80
DQ51
111
CKE1
142
CB6
172
VDDQ
20
DQ11
51
CB3
81
VSS
112
VDDQ
143
VDDQ
173
NC
21
CKE0
52
BA1
82
VDDID
113
*BA2
144
CB7
174
DQ60
22
VDDQ
KEY
83
DQ56
114
DQ20
KEY
175
DQ61
23
DQ16
53
DQ32
84
DQ57
115
A12
145
VSS
176
VSS
24
DQ17
54
VDDQ
85
VDD
116
VSS
146
DQ36
177
DM7
25
DQS2
55
DQ33
86
DQS7
117
DQ21
147
DQ37
178
DQ62
26
VSS
56
DQS4
87
DQ58
118
A11
148
VDD
179
DQ63
27
A9
57
DQ34
88
DQ59
119
DM2
149
DM4
180
VDDQ
28
DQ18
58
VSS
89
VSS
120
VDD
150
DQ38
181
SA0
29
A7
59
BA0
90
NC
121
DQ22
151
DQ39
182
SA1
30
VDDQ
60
DQ35
91
SDA
122
A8
152
VSS
183
SA2
31
DQ19
61
DQ40
92
SCL
123
DQ23
153
DQ44
184
VDDSPD
Note : VDDID defines relationship of VDD and VDDQ, and the default status of it is open (VDD=VDDQ)
Pin Name
Function
Pin Name
Function
A0 ~ A12
Address input (Multiplexed)
DM0 ~7,8(for ECC) Data - in mask
BA0 ~ BA1A
Bank Select Address
VDD
Power supply
(2.5V for DDR333, 2.6V for DDR400)
DQ0 ~ DQ63
Data input/output
VDDQ
Power Supply for DQS
(2.5V for DDR333, 2.6V for DDR400)
DQS0 ~ DQS8
Data Strobe input/output
VSS
Ground
CK0,CK0 ~ CK2, CK2
Clock input
VREF
Power supply for reference
CKE0, CKE1(for double banks)
Clock enable input
VDDSPD
Serial EEPROM Power/Supply ( 2.3V to 3.6V )
CS0, CS1(for double banks)
Chip select input
SDA
Serial data I/O
RAS
Row address strobe
SCL
Serial clock
CAS
Column address strobe
SA0 ~ 2
Address in EEPROM
WE
Write enable
VDDID
VDD, VDDQ level detection
CB0 ~ CB7(for x72 module)
Check bit(Data-in/data-out)
NC
No connection
5.0 Pin Description
4.0 Pin Configuration (Front side/back side)


Similar Part No. - M368L6523BUM-LCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L6523CUS-CCC SAMSUNG-M368L6523CUS-CCC Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L6523DUS SAMSUNG-M368L6523DUS Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
M368L6523DUS-CB3 SAMSUNG-M368L6523DUS-CB3 Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M368L6523DUS-CCC SAMSUNG-M368L6523DUS-CCC Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - M368L6523BUM-LCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com