Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLC782A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SPLC782A
Description  16COM/40SEG Controller/Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPLC782A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SPLC782A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPLC782A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
SPLC782A
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
9
FEB. 15, 2005
Version: 1.7
5.4. 8-Bit Operation and 16-Digit 1-Line Display (Using Internal Reset)
NO.
Instruction
Display
Operation
1 Power on. (SPLC782A starts initializing)
Power on reset. No display.
2 Function set
DB7
RS R/W
DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
1
1
0
0
X
X
0
0
Set to 8-bit operation and select 1-line display line and character font.
3 Display on / off control
0
0
0
0
1
1
1
0
0
0
_
Display on.
Cursor appear.
4 Entry mode set
0
0
0
0
0
1
1
0
0
0
_
Increase address by one.
It will shift the cursor to the right when writing to the DD RAM/CG RAM.
Now the display has no shift.
5 Write data to CG RAM / DD RAM
0
1
0
1
0
1
1
1
1
0
W
_
Write " W ".
The cursor is incremented by one and shifted to the right.
6 Write data to CG RAM / DD RAM
0
1
0
0
0
1
0
1
1
0
WE
_
Write " E ".
The cursor is incremented by one and shifted to the right.
7
:
:
8 Write data to CG RAM / DD RAM
0
1
0
0
0
1
0
1
1
0
WELCOME
_
Write " E ".
The cursor is incremented by one and shifted to the right.
9 Entry mode set
0
0
0
0
0
1
1
1
0
0
WELCOME
_
Set mode for display shift when writing
10 Write data to CG RAM / DD RAM
0
0
1
0
0
0
0
0
1
0
ELCOME
_
Write "
"(space).
The cursor is incremented by one and shifted to the right.
11 Write data to CG RAM / DD RAM
0
1
0
0
0
0
1
1
1
0
LCOME C
_
Write " C ".
The cursor is incremented by one and shifted to the right.
12
:
:
13 Write data to CG RAM / DD RAM
0
1
0
1
1
0
0
1
1
0
COMPAMY
_
Write " Y ".
The cursor is incremented by one and shifted to the right.
14 Cursor or display shift
0
0
0
1
0
0
X
X
0
0
COMPAMY
_
Only shift the cursor's position to the left (Y).
15 Cursor or display shift
0
0
0
1
0
0
X
X
0
0
COMPAMY
_
Only shift the cursor's position to the left (M).
16 Write data to CG RAM / DD RAM
0
1
0
0
1
1
1
0
1
0
COMPANY
_
Write " N ".
The display moves to the left.
17 Cursor or display shift
0
0
0
1
1
1
X
X
0
0
COMPANY
_
Shift the display and the cursor's position to the right.
18 Cursor or display shift
0
0
0
1
0
1
X
X
0
0
COMPANY
_
Shift the display and the cursor's position to the right.
19 Write data to CG RAM / DD RAM
0
1
0
0
0
0
0
0
1
0
COMPANY
_
Write " " (space).
The cursor is incremented by one and shifted to the right.
20
:
:
21 Return home
0
0
0
0
0
0
1
0
0
0
WELCOME
Both the display and the cursor return to the original position (address
0).
Figure 5-17: 8-Bit Operation and 16-Digit 1-Line Display
Sunplus
Confidential
For
PARTMINER
Use
Only


Similar Part No. - SPLC782A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPLC780D ETC1-SPLC780D Datasheet
851Kb / 48P
   16COM/40SEG Controller/Driver
logo
Jewel Hill Electronic
SPLC780D JHE-SPLC780D Datasheet
588Kb / 24P
   The JHB162I is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
logo
List of Unclassifed Man...
SPLC783A ETC1-SPLC783A Datasheet
2Mb / 38P
   16COM/80SEG Controller/Driver
More results

Similar Description - SPLC782A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPLC780D ETC1-SPLC780D Datasheet
851Kb / 48P
   16COM/40SEG Controller/Driver
logo
Samsung semiconductor
S6A0072 SAMSUNG-S6A0072 Datasheet
268Kb / 32P
   16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER
logo
List of Unclassifed Man...
AIP31066 ETC-AIP31066 Datasheet
1Mb / 29P
   16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Samsung semiconductor
KS0066U SAMSUNG-KS0066U Datasheet
540Kb / 33P
   16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0076B SAMSUNG-KS0076B Datasheet
272Kb / 17P
   16COM/40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
SPLC783A ETC1-SPLC783A Datasheet
2Mb / 38P
   16COM/80SEG Controller/Driver
logo
Samsung semiconductor
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6573 NJRC-NJU6573 Datasheet
218Kb / 20P
   16COM x 100SEG 1/16 Duty BITMAP LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com