Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS34020 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS34020
Description  GRAPHICS PROCESSORS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS34020 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS34020 Datasheet HTML 5Page - Texas Instruments TMS34020 Datasheet HTML 6Page - Texas Instruments TMS34020 Datasheet HTML 7Page - Texas Instruments TMS34020 Datasheet HTML 8Page - Texas Instruments TMS34020 Datasheet HTML 9Page - Texas Instruments TMS34020 Datasheet HTML 10Page - Texas Instruments TMS34020 Datasheet HTML 11Page - Texas Instruments TMS34020 Datasheet HTML 12Page - Texas Instruments TMS34020 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
TMS34020, TMS34020A
GRAPHICS PROCESSORS
SPVS004D – MARCH 1990 – REVISED NOVEMBER 1993
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functional block diagram
HA5 – HA31
HBS0 – HBS3
HCS
HREAD
HWRITE
HINT
HRDY
HDST
HOE
GI
R0
R1
EMU0
EMU1
EMU2
EMU3
CLKIN
LCLK1
LCLK2
RESET, LINT1,
LINT2
LAD0 – LAD31
RCA0 – RCA12
DDIN
DDOUT
RAS
CAS0 – CAS3
WE
TR/QE
ALTCH
SF
PGMD
SIZE16
LRDY
BUSFLT
CAMD
VSYNC
HSYNC
CSYNC/HBLNK
CBLNK/VBLNK
VCLK
SCLK
27
13
Host
Address
Latch
Host
Interface
Multi-
Processor
Interface
Emulation
Interface
System
Clocks
Buffer/
MUX
Bus
DRAM/
VRAM
Interface
Bus
Interface
Video
Timing
and
Control
Local
Memory
and
Bus
Timing
I/O
LRU
Regs
ALU
Barrel
Shifter
Microcontrol ROM
Reset and Interrupts
Control
Page-mode
Register
Cache
PC
ST
Register
File A
Register
File B
SP
Decode
4
4
32
3
architecture (continued)
register files
Boolean, arithmetic, pixel-processing, byte, and field-move instructions operate on data within the
general-purpose register files. The TMS34020 contains two register files of fifteen 32-bit registers and a system
stack pointer (SP). The SP is addressed in both register file A and register file B as a sixteenth register. Transfers
between registers and memory are facilitated via a complete set of field-move instructions with selectable field
sizes.
The 15 general-purpose registers in register file A are used for high-level language support and
assembly-language programming. The 15 registers in register file B are dedicated to special functions during
PixBlts and other pixel operations but can be used as general-purpose registers at other times.
stack pointer (SP)
The stack pointer is a dedicated 32-bit internal register that points to the top of the system stack.
program counter (PC)
The TMS34020’s 32-bit program counter register points to the next instruction-stream word to be fetched. Since
instruction words are aligned to 16-bit boundaries, the four LSBs of the PC are always zero.
instruction cache
An on-chip cache contains 512 bytes of RAM and provides unimpeded access to instructions. The cache
operates automatically and is transparent to software. The cache is divided into four 128-byte segments.
Associated with each segment is a 22-bit segment start address register (SSA) to identify the addresses in


Similar Part No. - TMS34020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS340 TI-TMS340 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010-40 TI-TMS34010-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010-50 TI-TMS34010-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

Similar Description - TMS34020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ET4000W32I ETC1-ET4000W32I Datasheet
14Mb / 294P
   ET4000W32I Graphics Accelerator
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
Purdy Electronics Corpo...
AND1743FST-T PURDY-AND1743FST-T Datasheet
253Kb / 4P
   Intelligent Graphics Display
logo
Texas Instruments
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
logo
Texas Instruments
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Qimonda AG
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com