Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4229 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4229
Description  Micropower Hot Swap Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4229 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4229 Datasheet HTML 2Page - Analog Devices LTC4229 Datasheet HTML 3Page - Analog Devices LTC4229 Datasheet HTML 4Page - Analog Devices LTC4229 Datasheet HTML 5Page - Analog Devices LTC4229 Datasheet HTML 6Page - Analog Devices LTC4229 Datasheet HTML 7Page - Analog Devices LTC4229 Datasheet HTML 8Page - Analog Devices LTC4229 Datasheet HTML 9Page - Analog Devices LTC4229 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC4231
6
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
GATE Pull-Up Current vs VGATE
Overcurrent to GATE Low
Propagation Delay
UVL, UVH, OV Thresholds
vs Temperature
GNDSW Switch Resistance
vs IN
STATUS Output Low Voltage
vs Current
STATUS Output Low Voltage
vs Temperature
VGATE (V)
VIN = 12V
0
0
–5
–10
–15
–20
15
20
5
10
4231 G07
25
VIN – VSENSE (mV)
CGATE = 1nF
CTIMER = 82nF
50
0.1
1
10
100
1000
200
350
100 150
300
250
4231 G08
400
TEMPERATURE (°C)
VIN = 12V
UVL HIGH TO LOW
UVH LOW TO HIGH
OV LOW TO HIGH
OV HIGH TO LOW
–50
0.770
0.775
0.780
0.785
0.790
0.795
0.800
100
75
125
25
50
–25
0
4231 G09
150
VIN (V)
0
70
80
90
100
110
20
30
10
4231 G10
40
ISTATUS (mA)
VIN = 12V
0
0
100
200
300
400
500
600
4
3
2
1
4231 G11
5
TEMPERATURE (°C)
VIN = 12V
ISTATUS = 2mA
–50
0
100
200
300
400
100
75
125
25
50
–25
0
4231 G12
150


Similar Part No. - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
More results

Similar Description - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4231 LINER-LTC4231_15 Datasheet
336Kb / 20P
   Micropower Hot Swap Controller
LTC4231 LINER-LTC4231 Datasheet
204Kb / 6P
   Micropower Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com