Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3065-18SF Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM3065-18SF
Description  2.0 Amp Tri-Mode Low Dropout CMOS Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3065-18SF Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM3065-18SF Datasheet HTML 1Page - California Micro Devices Corp CM3065-18SF Datasheet HTML 2Page - California Micro Devices Corp CM3065-18SF Datasheet HTML 3Page - California Micro Devices Corp CM3065-18SF Datasheet HTML 4Page - California Micro Devices Corp CM3065-18SF Datasheet HTML 5Page - California Micro Devices Corp CM3065-18SF Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
08/16/04
CM3065
PRELIMINARY
Ordering Information
Note 1: TO-263 packaged parts are fixed output.
Note 2: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
TO-263
SOIC-8
NAME
DESCRIPTION
LEAD(S)
LEAD(S)
1
2
IN
Positive input voltage for the regulator. If this input pin is greater than 2 inches from
the main input filter, a 10
µF ceramic capacitor is recommended for adequate filtering.
2, TAB
5-8
GND
The negative reference for all voltages. Also functions as a thermal path for heat dis-
sipation.
3
3
OUT
The regulated voltage output. An output capacitor of 10
µF is recommended to mini-
mize any transient load disturbances under normal operating conditions. Additional
output capacitance can be used to further improve transient load response.
---
1
EN
Enable/shutdown input. When EN is asserted high (VEN ≥ 1.2V), the regulator is
enabled. When EN is asserted low (VEN 0.4V), the regulator is shut down.
---
4
ADJ
Feedback input. When ADJ is grounded, the device enters fixed voltage mode. When
ADJ is connected to an external resistor network, the device operates as an adjust-
able regulator. The Adjust pin can also be tied directly to the OUT pin which config-
ures the CM3065 as a 1.2V regulator.
PACKAGE / PINOUT DIAGRAM
Note: These drawings are not to scale.
8-lead Power SOIC
1
2
3
4
8
7
6
5
EN
IN
OUT
ADJ
GND
GND
GND
GND
TOP VIEW
3
1
2
TOP VIEW
IN
GND
OUT
3-lead TO-263
Note:
is GND
Tab (on back)
PART NUMBERING INFORMATION
LEADS/
PINS
Output
Voltage
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
8
2.5
SOIC-8
CM3065-25SA
CM3065-25SA
CM3065-25SF
CM3065-25SF
8
1.8
SOIC-8
CM3065-18SA
CM3065-18SA
CM3065-18SF
CM3065-18SF
3
2.5
TO-263
CM3065-25TO
CM3065-25TO
CM3065-25TN
CM3065-25TN
3
1.8
TO-263
CM3065-18TO
CM3065-18TO
CM3065-18TN
CM3065-18TN


Similar Part No. - CM3065-18SF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM306 CML-CM306 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM306 VCC-CM306 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
More results

Similar Description - CM3065-18SF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3003-18 CALMIRCO-CM3003-18 Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
CM3004 CALMIRCO-CM3004 Datasheet
211Kb / 9P
   1.0 Amp Dual Mode Low-Dropout CMOS Regulator
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114 Datasheet
442Kb / 12P
   CMOS Low Dropout Regulator
August, 2017 ??Rev. 2
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
NCP103 ONSEMI-NCP103_17 Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com