Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-1601 Datasheet(PDF) 5 Page - Moxa Inc.

Part # M-1601
Description  Remote I/O modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

M-1601 Datasheet(HTML) 5 Page - Moxa Inc.

  M-1601 Datasheet HTML 1Page - Moxa Inc. M-1601 Datasheet HTML 2Page - Moxa Inc. M-1601 Datasheet HTML 3Page - Moxa Inc. M-1601 Datasheet HTML 4Page - Moxa Inc. M-1601 Datasheet HTML 5Page - Moxa Inc. M-1601 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.moxa.com
5
Model Name
Input/Output
Interface
Digital Input
Digital
Output
Relay
Analog Input
Type
Analog
Output Type
System
Power
Module
Field Power
Module
Potential
Distributor
Module
M-1601
16 x DI
Source
24 VDC
M-1800
8 x DI
Sink
24 VDC
M-1801
8 x DI
Source
24 VDC
M-2450
4 x Relay
Form A
24 VDC/230
VAC, 2 A
M-2600
16 x DO
Sink
24 VDC
M-2601
16 x DO
Source
24 VDC
M-2800
8 x DO
Sink
24 VDC
M-2801
8 x DO
Source
24 VDC
M-3802
8 x AI
4-20 mA
M-3810
8 x AI
0-10 V
M-4402
4 x AO
4-20 mA
M-4410
4 x AO
0-10 V
M-6200
2 x RTD
RTD
M-6201
2 x TC
TC
M-7001
10A/5 VDC
M-7002
DC: 5 VDC,
24 VDC, 48
VDC
AC: 110
VAC, 220
VAC
M-7804
8-ch, 0 VDC
M-7805
8-ch, 24
VDC
Accessories (sold separately)
Cables
20P To 20P Flat Cable-500mm
20-to-20-pin flat cable for connecting the TB 1600 and ioLogik 4000 Series, 50 cm
Applicable Models:
M-1600
M-1601
M-2600
M-2601
Terminal Modules
TB 1600
DIN-rail mounting screw terminal module, 20-pin connector, 3.81 mm pitch, 77.5 x 67.5 x 51 mm
Applicable Models:
M-1600
M-1601
M-2600
M-2601


Similar Part No. - M-1601

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M-165051-10-8A MACOM-M-165051-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
M-165101-1-8A MACOM-M-165101-1-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - M-1601

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com