Electronic Components Datasheet Search |
|
HLMP-ED55-PM000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-ED55-PM000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 6 page 3 Package Dimensions 2.35 (0.093) MAX. 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD CATHODE FLAT 8.71 ± 0.20 (0.343 ± 0.008 1.14 ± 0.20 (0.045 ± 0.008) NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. LEADS ARE MILD STEEL, SOLDER DIPPED. 3. TAPERS SHOWN AT TOP OF LEADS (BOTTOM OF LAMP PACKAGE) INDICATE AN EPOXY MENISCUS THAT MAY EXTEND ABOUT 1 mm (0.040 in.) DOWN THE LEADS. 4. RECOMMENDED PC BOARD HOLE DIAMETERS: LAMP PACKAGE WITHOUT STAND-OFFS: FLUSH MOUNTING AT BASE OF LAMP PACKAGE = 1.143/1.067 (0.044/0.042). |
Similar Part No. - HLMP-ED55-PM000 |
|
Similar Description - HLMP-ED55-PM000 |